Part Number Hot Search : 
2S41TB NE06L KLLU1500 XRD878 74LS1 7122A 6250G A23L2616
Product Description
Full Text Search
 

To Download BZX85C43 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHONGQING PINGYANG ELECTRONICS CO.,LTD.
BZX 85/C 2V7 THRU BZX 85/C 220
SILICON PLANAR ZENER DIODES FEATURES
*Voltage Range: 2.7V to 220V *Double siug type construction
DO-41
1.0(25.4) MIN. .205(5.2) .166(4.2) .034(0.9) .028(0.7)
DIA. DIA.
MECHANICAL DATA
*Case: Molded plastic *Epoxy: UL94V-0 rate flame retardant *Lead: MIL-STD- 202E, Method 208 guaranteed *Polarity:Color band denotes cathode end *Mounting position: Any *Weight: 0.33 grams
.107(2.7) .080(2.0) 1.0(25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20%.
Absolute Maximum Ratings (Ta=25C)
SYMBOL
VALUE 1.31) 200
units
W C
Zener Current see Table "Characterstics" Power Dissipation at Tamb=25C Junction Temperature
1)
Ptot TJ
Valid provided that leads at a distance of 8 mm form case are kept at ambient temperature.
Characteristics at Tamb=25C
SYMBOL
Min. ---
Typ. ---
Max. 130 1
1)
units
K/W V
Thermal Resistance Junction to Ambient Air Forward Voltage at IF=200mA
RthA VF
1Valid provided that leads at a distance of 8 mm form case are kept at ambient temperature.
PDF "pdfFactory Pro" www.fineprint.cn
CHONGQING PINGYANG ELECTRONICS CO.,LTD. BZX 85... SILICON PLANAR POWER ZENER DIODES
Zener Voltage range1) TYPE Vznom V 2.7
3 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82
Dynamic recsistance3) rZJT 20
20 20 15 15 13 13 10 7 4 3.5 3 5 5 7 8 9 10 15 15 20 24 25 25 30 30 35 40 50 50 90 115 120 125 130 135 200
BZX 85/C 2V7 BZX 85/C 3V0 BZX 85/C 3V3 BZX 85/C 3V6 BZX 85/C 3V9 BZX 85/C 4V3 BZX 85/C 4V7 BZX 85/C 5V1 BZX 85/C 5V6 BZX 85/C 6V2 BZX 85/C 6V8 BZX 85/C 7V5 BZX 85/C 8V2 BZX 85/C 9V1 BZX 85/C 10 BZX 85/C 11 BZX 85/C 12 BZX 85/C 13 BZX 85/C 15 BZX 85/C 16 BZX 85/C 18 BZX 85/C 20 BZX 85/C 22 BZX 85/C 24 BZX 85/C 27 BZX 85/C 30 BZX 85/C 33 BZX 85/C 36 BZX 85/C 39 BZX 85/C 43 BZX 85/C 47 BZX 85/C 51 BZX 85/C 56 BZX 85/C 62 BZX 85/C 68 BZX 85/C 75 BZX 85/C 82
IZT mA 80
80 70 60 60 50 45 45 45 35 35 35 25 25 25 20 20 20 15 15 15 10 10 10 8 8 8 8 6 6 4 4 4 4 4 4 2.7
for VZT2) V 2.5...2.9
2.8...3.2 3.1...3.5 3.4...3.8 3.7...4.1 4.0...4.6 4.4...5.0 4.8...5.4 5.2...6.0 5.8...6.6 6.4...7.2 7.0...7.9 7.7...8.7 8.5...9.6 9.4...10.6 10.4...11.6 11.4...12.7 12.4...14.1 13.8...15.6 15.3...17.1 16.8...19.1 18.8...21.2 20.8...23.3 22.8...25.6 25.1...28.9 28...32 31...35 34...38 37...41 40...46 44...50 48...54 52...60 58...66 64...72 70...79 77...87
Rzjt at Izk mA 400 1
400 400 500 500 500 600 500 400 300 300 200 200 200 200 300 350 400 500 500 400 600 600 600 750 1000 1000 1000 1000 1000 1500 1500 2000 2000 2000 2000 3000 1 1 1 1 1 1 1 1 1 1 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Reverse leakage current IR2) at VR A V 150 1
100 40 20 10 3 3 1 1 1 1 1 1 1 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1 1 1 1 1 1 1.5 2 3 4 4.5 6.2 6.8 7 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62
Temp coefficient Zener Voltage TKVZ %/K -0.08...-0.05
-0.08...-0.05 -0.08...-0.05 -0.08...-0.05 -0.07...-0.02 -0.07...+0.01 -0.03...+0.04 -0.01...+0.04 0...+0.045 +0.01...+0.055 +0.015...+0.06 +0.02...+0.065 0.03...0.07 0.03...0.075 0.04...0.08 0.045...0.08 0.045...0.085 0.05...0.085 0.055...0.09 0.055...0.09 0.06...0.09 0.06...0.09 0.06...0.095 0.06...0.095 0.06...0.095 0.06...0.095 0.06...0.095 0.06...0.095 0.06...0.095 0.06...0.095 0.06...0.095 0.06...0.095 0.06...0.095 0.06...0.095 0.06...0.095 0.06...0.095 0.07...0.10
PDF "pdfFactory Pro" www.fineprint.cn
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
BZX 85/C 91 BZX 85/C 100 BZX 85/C 110 BZX 85/C 120 BZX 85/C 130 BZX 85/C 150 BZX 85/C 160 BZX 85/C 180 BZX 85/C 200 BZX 85/C 220
1)
91 100 110 120 130 150 160 180 200 220
2.7 2.7 2.7 2 2 2 1.5 1.5 1.5 1
85...96 94...106 104...116 114...127 124...141 138...156 153...171 168...191 188...212 218...232
250 350 450 550 700 1000 1100 1200 1500 1600
3000 3000 4000 4500 5000 6000 6500 7000 8000 9000
0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
68 75 82 91 100 110 120 130 150 170
0.07...0.10 0.07...0.11 0.07...0.11 0.07...0.11 0.07...0.11 0.07...0.11 0.07...0.11 0.07...0.11 0.07...0.11 0.07...0.11
Tested with pulses tp=5 ms. SPECIALS AVAILABLE INCLUDE:
Nominal zener voltages between the voltages shown and tighter
voltage tolerances. For detailed information on price, availability, and delivery, contact your nearest Motorola representative; ZENER VOLTAGE (VZ) MEASUREMENT VZ is measured after the test current has been applied to 40 10 msec., while maintaining the lead temperature (TL) at 30C 1C, 3/8, from the diode body.
2) 3)
Valid provided that leads are kept at ambient temperature at a distance of 10 mm form case. The zener impedance is derived from the 1 kHz cycle ac voltage, which results when an ac current having an rms value equal
to 10% of the dc zener current (IZT) or (IZK) is superimposed on IZT or IZK.
PDF "pdfFactory Pro" www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of BZX85C43

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X